Part Number Hot Search : 
4T33T TGA45 OM9375 5101A MISTRAL 2N6232 TW1128 220KR
Product Description
Full Text Search
 

To Download CY7C1339G-133AXC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CY7C1339G
4-Mbit (128K x 32) Pipelined Sync SRAM
Features
* Registered inputs and outputs for pipelined operation * 128K x 32 common I/O architecture * 3.3V core power supply (VDD) * 2.5V/3.3V I/O power supply (VDDQ) * Fast clock-to-output times -- 2.6 ns (for 250-MHz device) * Provide high-performance 3-1-1-1 access rate * User-selectable burst counter supporting Intel(R) Pentium(R) interleaved or linear burst sequences * Separate processor and controller address strobes * Synchronous self-timed writes * Asynchronous output enable * Available in lead-free 100-Pin TQFP package, lead-free and non-lead-free 119-Ball BGA package * "ZZ" Sleep Mode Option
Functional Description[1]
The CY7C1339G SRAM integrates 128K x 32 SRAM cells with advanced synchronous peripheral circuitry and a two-bit counter for internal burst operation. All synchronous inputs are gated by registers controlled by a positive-edge-triggered Clock Input (CLK). The synchronous inputs include all addresses, all data inputs, address-pipelining Chip Enable (CE1), depth-expansion Chip Enables (CE2 and CE3), Burst Control inputs (ADSC, ADSP, and ADV), Write Enables (BW[A:D], and BWE), and Global Write (GW). Asynchronous inputs include the Output Enable (OE) and the ZZ pin. Addresses and chip enables are registered at rising edge of clock when either Address Strobe Processor (ADSP) or Address Strobe Controller (ADSC) are active. Subsequent burst addresses can be internally generated as controlled by the Advance pin (ADV). Address, data inputs, and write controls are registered on-chip to initiate a self-timed Write cycle.This part supports Byte Write operations (see Pin Descriptions and Truth Table for further details). Write cycles can be one to four bytes wide as controlled by the byte write control inputs. GW when active LOW causes all bytes to be written. The CY7C1339G operates from a +3.3V core power supply while all outputs may operate with either a +2.5 or +3.3V supply. All inputs and outputs are JEDEC-standard JESD8-5-compatible.
Logic Block Diagram
A 0, A 1, A
A DDRESS REGISTER
2
A [1:0]
M ODE A DV CLK
Q1
A DSC A DSP
BW D DQD BYTE W RITE REGISTER DQC BYTE W RITE REGISTER DQB BYTE W RITE REGISTER DQA BYTE W RITE REGISTER
BURST COUNTER CLR A ND Q0 LOGIC
DQD BYTE W RITE DRIVER DQC BYTE W RITE DRIVER DQB BYTE W RITE DRIVER DQA BYTE W RITE DRIVER
BW C
M EM ORY A RRA Y
SENSE A M PS
OUTPUT REGISTERS
OUTPUT BUFFERS E
DQs
BW B
BW A BW E
GW CE1 CE2 CE3 OE
ENA BLE REGISTER
PIPELINED ENABLE
INPUT REGISTERS
ZZ
SLEEP CONTROL
1
Note: 1. For best-practices recommendations, please refer to the Cypress application note System Design Guidelines on www.cypress.com.
Cypress Semiconductor Corporation Document #: 38-05520 Rev. *F
*
198 Champion Court
*
San Jose, CA 95134-1709 * 408-943-2600 Revised July 5, 2006
[+] Feedback
CY7C1339G
Selection Guide
250 MHz Maximum Access Time Maximum Operating Current Maximum CMOS Standby Current 2.6 325 40 200 MHz 2.8 265 40 166 MHz 3.5 240 40 133 MHz 4.0 225 40 Unit ns mA mA
Pin Configurations
100-Pin TQFP Pinout
BYTE C
BYTE D
NC DQC DQC VDDQ VSSQ DQC DQC DQC DQC VSSQ VDDQ DQC DQC NC VDD NC VSS DQD DQD VDDQ VSSQ DQD DQD DQD DQD VSSQ VDDQ DQD DQD NC
100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81
A A CE1 CE2 BWD BWC BWB BWA CE3 VDD VSS CLK GW BWE OE ADSC ADSP ADV A A
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30
CY7C1339G
80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51
NC DQB DQB VDDQ VSSQ DQB DQB DQB DQB VSSQ VDDQ DQB DQB VSS NC VDD ZZ DQA DQA VDDQ VSSQ DQA DQA DQA DQA VSSQ VDDQ DQA DQA NC
BYTE B
BYTE A
Document #: 38-05520 Rev. *F
MODE A A A A A1 A0 NC/72M NC/36M VSS VDD NC/18M NC/9M A A A A A A A
31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50
Page 2 of 18
[+] Feedback
CY7C1339G
Pin Configurations (continued) 119-Ball BGA Pinout
1 A B C D E F G H J K L M N P R T U VDDQ NC/288M NC/144M DQC DQC VDDQ DQC DQC VDDQ DQD DQD VDDQ DQD DQD NC NC VDDQ 2 A CE2 A NC DQC DQC DQC DQC VDD DQD DQD DQD DQD NC A NC/72M NC 3 A A A VSS VSS VSS BWc VSS NC VSS BWD VSS VSS VSS MODE A NC 4 ADSP ADSC VDD NC CE1 OE ADV GW VDD CLK NC BWE A1 A0 VDD A NC 5 A A A VSS VSS VSS BWB VSS NC VSS BWA VSS VSS VSS NC A NC 6 A 7 VDDQ
NC/9M NC/576M A NC/1G NC DQB DQB DQB DQB VDD DQA DQA DQA DQA NC A NC/36M NC DQB DQB VDDQ DQB DQB VDDQ DQA DQA VDDQ DQA DQA NC ZZ VDDQ
Pin Definitions
Name A0, A1, A I/O InputSynchronous InputSynchronous InputSynchronous InputSynchronous InputClock InputSynchronous InputSynchronous InputSynchronous Description Address Inputs used to select one of the 128K address locations. Sampled at the rising edge of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3 are sampled active. A1, A0 are fed to the two-bit counter.. Byte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes to the SRAM. Sampled on the rising edge of CLK. Global Write Enable Input, active LOW. When asserted LOW on the rising edge of CLK, a global write is conducted (ALL bytes are written, regardless of the values on BW[A:D] and BWE). Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This signal must be asserted LOW to conduct a byte write. Clock Input. Used to capture all synchronous inputs to the device. Also used to increment the burst counter when ADV is asserted LOW, during a burst operation. Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE2 and CE3 to select/deselect the device. ADSP is ignored if CE1 is HIGH. CE1 is sampled only when a new external address is loaded. Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction with CE1 and CE3 to select/deselect the device.CE2 is sampled only when a new external address is loaded. Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction with CE1 and CE2 to select/deselect the device. CE3 is sampled only when a new external address is loaded. Not connected for BGA. Where referenced, CE3 is assumed active throughout this document for BGA.
BWA, BWB BWC, BWD GW BWE CLK CE1
CE2
CE3
OE
InputOutput Enable, asynchronous input, active LOW. Controls the direction of the I/O pins. When Asynchronous LOW, the I/O pins behave as outputs. When deasserted HIGH, I/O pins are tri-stated, and act as input data pins. OE is masked during the first clock of a read cycle when emerging from a deselected state.
Document #: 38-05520 Rev. *F
Page 3 of 18
[+] Feedback
CY7C1339G
Pin Definitions (continued)
Name ADV ADSP I/O InputSynchronous InputSynchronous Description Advance Input signal, sampled on the rising edge of CLK, active LOW. When asserted, it automatically increments the address in a burst cycle. Address Strobe from Processor, sampled on the rising edge of CLK, active LOW. When asserted LOW, addresses presented to the device are captured in the address registers. A1, A0 are also loaded into the burst counter. When ADSP and ADSC are both asserted, only ADSP is recognized. ASDP is ignored when CE1 is deasserted HIGH. Address Strobe from Controller, sampled on the rising edge of CLK, active LOW. When asserted LOW, addresses presented to the device are captured in the address registers. A1, A0 are also loaded into the burst counter. When ADSP and ADSC are both asserted, only ADSP is recognized.
ADSC
InputSynchronous
ZZ
InputZZ "sleep" Input, active HIGH. When asserted HIGH places the device in a non-time-critical Asynchronous "sleep" condition with data integrity preserved. For normal operation, this pin has to be LOW or left floating. ZZ pin has an internal pull-down. I/OSynchronous Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is triggered by the rising edge of CLK. As outputs, they deliver the data contained in the memory location specified by the addresses presented during the previous clock rise of the read cycle. The direction of the pins is controlled by OE. When OE is asserted LOW, the pins behave as outputs. When HIGH, DQs are placed in a tri-state condition. Ground for the core of the device. Power supply for the I/O circuitry. Ground for the I/O circuitry. Selects Burst Order. When tied to GND selects linear burst sequence. When tied to VDD or left floating selects interleaved burst sequence. This is a strap pin and should remain static during device operation. Mode Pin has an internal pull-up. No Connects. Not internally connected to the die. NC/9M, NC/18M, NC/72M, NC/144M, NC/288M, NC/576M and NC/1G are address expansion pins are not internally connected to the die.
DQs
VDD VSS VDDQ VSSQ MODE
Power Supply Power supply inputs to the core of the device. Ground I/O Power Supply I/O Ground InputStatic -
NC,NC/9M, NC/18M. NC/72M, NC/144M, NC/288M, NC/576M, NC/1G
Functional Overview
All synchronous inputs pass through input registers controlled by the rising edge of the clock. All data outputs pass through output registers controlled by the rising edge of the clock. Maximum access delay from the clock rise (tCO) is 2.6 ns (250-MHz device). The CY7C1339G supports secondary cache in systems utilizing either a linear or interleaved burst sequence. The interleaved burst order supports Pentium and i486TM processors. The linear burst sequence is suited for processors that utilize a linear burst sequence. The burst order is user selectable, and is determined by sampling the MODE input. Accesses can be initiated with either the Processor Address Strobe (ADSP) or the Controller Address Strobe (ADSC). Address advancement through the burst sequence is controlled by the ADV input. A two-bit on-chip wraparound burst counter captures the first address in a burst sequence and automatically increments the address for the rest of the burst access. Byte Write operations are qualified with the Byte Write Enable (BWE) and Byte Write Select (BW[A:D]) inputs. A Global Write Enable (GW) overrides all Byte Write inputs and writes data to Document #: 38-05520 Rev. *F
all four bytes. All writes are simplified with on-chip synchronous self-timed Write circuitry. Three synchronous Chip Selects (CE1, CE2, CE3) and an asynchronous Output Enable (OE) provide for easy bank selection and output tri-state control. ADSP is ignored if CE1 is HIGH. Single Read Accesses This access is initiated when the following conditions are satisfied at clock rise: (1) ADSP or ADSC is asserted LOW, (2) CE1, CE2, CE3 are all asserted active, and (3) the Write signals (GW, BWE) are all deserted HIGH. ADSP is ignored if CE1 is HIGH. The address presented to the address inputs (A) is stored into the address advancement logic and the Address Register while being presented to the memory array. The corresponding data is allowed to propagate to the input of the Output Registers. At the rising edge of the next clock the data is allowed to propagate through the output register and onto the data bus within 2.6 ns (250-MHz device) if OE is active LOW. The only exception occurs when the SRAM is emerging from a deselected state to a selected state, its outputs are always tri-stated during the first cycle of the access. After the first cycle of the access, the outputs are controlled by the OE Page 4 of 18
[+] Feedback
CY7C1339G
signal. Consecutive single Read cycles are supported. Once the SRAM is deselected at clock rise by the chip select and either ADSP or ADSC signals, its output will tri-state immediately. Single Write Accesses Initiated by ADSP This access is initiated when both of the following conditions are satisfied at clock rise: (1) ADSP is asserted LOW, and (2) CE1, CE2, CE3 are all asserted active. The address presented to A is loaded into the address register and the address advancement logic while being delivered to the memory array. The Write signals (GW, BWE, and BW[A:D]) and ADV inputs are ignored during this first cycle. ADSP-triggered Write accesses require two clock cycles to complete. If GW is asserted LOW on the second clock rise, the data presented to the DQs inputs is written into the corresponding address location in the memory array. If GW is HIGH, then the Write operation is controlled by BWE and BW[A:D] signals. The CY7C1339G provides Byte Write capability that is described in the Write Cycle Descriptions table. Asserting the Byte Write Enable input (BWE) with the selected Byte Write (BW[A:D]) input, will selectively write to only the desired bytes. Bytes not selected during a Byte Write operation will remain unaltered. A synchronous self-timed Write mechanism has been provided to simplify the Write operations. Because the CY7C1339G is a common I/O device, the Output Enable (OE) must be deserted HIGH before presenting data to the DQs inputs. Doing so will tri-state the output drivers. As a safety precaution, DQs are automatically tri-stated whenever a Write cycle is detected, regardless of the state of OE. Single Write Accesses Initiated by ADSC ADSC Write accesses are initiated when the following conditions are satisfied: (1) ADSC is asserted LOW, (2) ADSP is deserted HIGH, (3) CE1, CE2, CE3 are all asserted active, and (4) the appropriate combination of the Write inputs (GW, BWE, and BW[A:D]) are asserted active to conduct a Write to the desired byte(s). ADSC-triggered Write accesses require a single clock cycle to complete. The address presented to A is loaded into the address register and the address advancement logic while being delivered to the memory array. The ADV input is ignored during this cycle. If a global Write is conducted, the data presented to the DQs is written into the corresponding address location in the memory core. If a Byte Write is conducted, only the selected bytes are written. Bytes not selected during a Byte Write operation will remain unaltered. A synchronous self-timed Write mechanism has been provided to simplify the Write operations. Because the CY7C1339G is a common I/O device, the Output Enable (OE) must be deserted HIGH before presenting data to the DQs inputs. Doing so will tri-state the output drivers. As a safety precaution, DQs are automatically tri-stated whenever a Write cycle is detected, regardless of the state of OE. Burst Sequences The CY7C1339G provides a two-bit wraparound counter, fed by A1, A0, that implements either an interleaved or linear burst sequence. The interleaved burst sequence is designed specifically to support Intel Pentium applications. The linear burst sequence is designed to support processors that follow a linear burst sequence. The burst sequence is user selectable through the MODE input. Asserting ADV LOW at clock rise will automatically increment the burst counter to the next address in the burst sequence. Both Read and Write burst operations are supported. Sleep Mode The ZZ input pin is an asynchronous input. Asserting ZZ places the SRAM in a power conservation "sleep" mode. Two clock cycles are required to enter into or exit from this "sleep" mode. While in this mode, data integrity is guaranteed. Accesses pending when entering the "sleep" mode are not considered valid nor is the completion of the operation guaranteed. The device must be deselected prior to entering the "sleep" mode. CE1, CE2, CE3, ADSP, and ADSC must remain inactive for the duration of tZZREC after the ZZ input returns LOW.
Interleaved Burst Address Table (MODE = Floating or VDD)
First Address A1, A0 00 01 10 11 Second Address A1, A0 01 00 11 10 Third Address A1, A0 10 11 00 01 Fourth Address A1, A0 11 10 01 00
Linear Burst Address Table (MODE = GND)
First Address A1, A0 00 01 10 11 Second Address A1, A0 01 10 11 00 Third Address A1, A0 10 11 00 01 Fourth Address A1, A0 11 00 01 10
ZZ Mode Electrical Characteristics
Parameter IDDZZ tZZS tZZREC tZZI tRZZI Description Snooze mode standby current Device operation to ZZ ZZ recovery time ZZ active to snooze current ZZ Inactive to exit snooze current Test Conditions ZZ > VDD - 0.2V ZZ > VDD - 0.2V ZZ < 0.2V This parameter is sampled This parameter is sampled 0 2tCYC 2tCYC Min. Max. 40 2tCYC Unit mA ns ns ns ns
Document #: 38-05520 Rev. *F
Page 5 of 18
[+] Feedback
CY7C1339G
Truth Table [2, 3, 4, 5, 6, 7]
Operation Deselect Cycle, Power-down Deselect Cycle, Power-down Deselect Cycle, Power-down Deselect Cycle, Power-down Deselect Cycle, Power-down Snooze Mode, Power-down READ Cycle, Begin Burst READ Cycle, Begin Burst WRITE Cycle, Begin Burst READ Cycle, Begin Burst READ Cycle, Begin Burst READ Cycle, Continue Burst READ Cycle, Continue Burst READ Cycle, Continue Burst READ Cycle, Continue Burst WRITE Cycle, Continue Burst WRITE Cycle, Continue Burst READ Cycle, Suspend Burst READ Cycle, Suspend Burst READ Cycle, Suspend Burst READ Cycle, Suspend Burst WRITE Cycle, Suspend Burst WRITE Cycle, Suspend Burst Add. Used None None None None None None External External External External External Next Next Next Next Next Next Current Current Current Current Current Current CE1 CE2 CE3 ZZ H L L L L X L L L L L X X H H X H X X H H X H X L X L X X H H H H H X X X X X X X X X X X X X X H X H X L L L L L X X X X X X X X X X X X L L L L L H L L L L L L L L L L L L L L L L L ADSP X L L H H X L L H H H H H X X H X H H X X H X ADSC L X X L L X X X L L L H H H H H H H H H H H H ADV X X X X X X X X X X X L L L L L L H H H H H H WRITE OE CLK X X X X X X X X L H H H H H H L L H H H H L L X X X X X X L H X L H L H L H X X L H L H X X L-H L-H L-H L-H L-H X L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H L-H DQ Tri-State Tri-State Tri-State Tri-State Tri-State Tri-State Q Tri-State D Q Tri-State Q Tri-State Q Tri-State D D Q Tri-State Q Tri-State D D
Notes: 2. X = "Don't Care." H = Logic HIGH, L = Logic LOW. 3. WRITE = L when any one or more Byte Write enable signals (BWA, BWB, BWC, BWD) and BWE = L or GW= L. WRITE = H when all Byte write enable signals (BWA, BWB, BWC, BWD), BWE, GW = H. 4. The DQ pins are controlled by the current cycle and the OE signal. OE is asynchronous and is not sampled with the clock. 5. CE1, CE2, and CE3 are available only in the TQFP package. BGA package has only 2 chip selects CE1 and CE2. 6. The SRAM always initiates a read cycle when ADSP is asserted, regardless of the state of GW, BWE, or BW[A: D]. Writes may occur only on subsequent clocks after the ADSP or with the assertion of ADSC. As a result, OE must be driven HIGH prior to the start of the write cycle to allow the outputs to tri-state. OE is a don't care for the remainder of the write cycle. 7. OE is asynchronous and is not sampled with the clock rise. It is masked internally during write cycles. During a read cycle all data bits are tri-state when OE is inactive or when the device is deselected, and all data bits behave as output when OE is active (LOW).
Document #: 38-05520 Rev. *F
Page 6 of 18
[+] Feedback
CY7C1339G
Partial Truth Table for Read/Write [2, 8]
Function Read Read Write Byte A - DQA Write Byte B - DQB Write Bytes B, A Write Byte C- DQC Write Bytes C, A Write Bytes C, B Write Bytes C, B, A Write Byte D- DQD Write Bytes D, A Write Bytes D, B Write Bytes D, B, A Write Bytes D, C Write Bytes D, C, A Write Bytes D, C, B Write All Bytes Write All Bytes GW H H H H H H H H H H H H H H H H H L BWE H L L L L L L L L L L L L L L L L X BWD X H H H H H H H H L L L L L L L L X BWC X H H H H L L L L H H H H L L L L X BWB X H H L L H H L L H H L L H H L L X BWA X H L H L H L H L H L H L H L H L X
Note: 8.Table only lists a partial listing of the byte write combinations. Any combination of BWX is valid. Appropriate write will be done based on which byte write is active.
Document #: 38-05520 Rev. *F
Page 7 of 18
[+] Feedback
CY7C1339G
Maximum Ratings
(Above which the useful life may be impaired. For user guidelines, not tested.) Storage Temperature ................................. -65C to +150C Ambient Temperature with Power Applied............................................. -55C to +125C Supply Voltage on VDD Relative to GND........ -0.5V to +4.6V Supply Voltage on VDDQ Relative to GND ...... -0.5V to +VDD DC Voltage Applied to Outputs in tri-state ............................................ -0.5V to VDDQ + 0.5V DC Input Voltage ................................... -0.5V to VDD + 0.5V Current into Outputs (LOW)......................................... 20 mA Static Discharge Voltage.......................................... > 2001V (per MIL-STD-883, Method 3015) Latch-up Current.................................................... > 200 mA
Operating Range
Range Commercial Industrial Automotive Ambient Temperature 0C to +70C -40C to +85C -40C to +125C VDD 3.3V -5%/+10% VDDQ 2.5V -5% to VDD
Electrical Characteristics Over the Operating Range[9, 10]
Parameter VDD VDDQ VOH VOL VIH VIL IX Description Power Supply Voltage I/O Supply Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Input LOW Voltage[9] Voltage[9] for 3.3V I/O, IOH = -4.0 mA for 2.5V I/O, IOH = -1.0 mA for 3.3V I/O, IOL = 8.0 mA for 2.5V I/O, IOL = 1.0 mA for 3.3V I/O for 2.5V I/O for 3.3V I/O for 2.5V I/O Input Leakage Current except ZZ and MODE GND VI VDDQ 2.0 1.7 -0.3 -0.3 -5 -30 5 -5 30 -5 4-ns cycle, 250 MHz 5-ns cycle, 200 MHz 6-ns cycle, 166 MHz 7.5-ns cycle, 133 MHz ISB1 Automatic CE Power-down Current--TTL Inputs VDD = Max, Device Deselected, VIN VIH or VIN VIL f = fMAX = 1/tCYC 4-ns cycle, 250 MHz 5-ns cycle, 200 MHz 6-ns cycle, 166 MHz 5 325 265 240 225 120 110 100 90 115 40 Test Conditions Min. 3.135 2.375 2.4 2.0 0.4 0.4 VDD + 0.3V VDD + 0.3V 0.8 0.7 5 Max. 3.6 VDD Unit V V V V V V V V V V A A A A A A mA mA mA mA mA mA mA mA mA mA
Input Current of MODE Input = VSS Input = VDD Input Current of ZZ IOZ IDD Input = VSS Input = VDD Output Leakage Current GND VI VDDQ, Output Disabled VDD Operating Supply Current VDD = Max., IOUT = 0 mA, f = fMAX = 1/tCYC
Industrial/ 7.5-ns cycle, 133 MHz Commercial Automotive 7.5-ns cycle, 133 MHz ISB2 Automatic CE VDD = Max, Device Deselected, Power-down VIN 0.3V or VIN > VDDQ - 0.3V, Current--CMOS Inputs f = 0 All speeds
Notes: 9. Overshoot: VIH(AC) < VDD +1.5V (Pulse width less than tCYC/2), undershoot: VIL(AC) > -2V (Pulse width less than tCYC/2). 10. TPower-up: Assumes a linear ramp from 0V to VDD(min.) within 200 ms. During this time VIH < VDD and VDDQ < VDD.
Document #: 38-05520 Rev. *F
Page 8 of 18
[+] Feedback
CY7C1339G
Electrical Characteristics Over the Operating Range[9, 10] (continued)
Parameter ISB3 Description Test Conditions 4-ns cycle, 250 MHz 5-ns cycle, 200 MHz 6-ns cycle, 166 MHz 7.5-ns cycle, 133 MHz ISB4 Automatic CE Power-down Current--TTL Inputs VDD = Max, Device Deselected, VIN VIH or VIN VIL, f = 0 All Speeds Min. Max. 105 95 85 75 45 Unit mA mA mA mA mA VDD = Max, Device Deselected, or Automatic CE Power-down VIN 0.3V or VIN > VDDQ - 0.3V Current--CMOS Inputs f = fMAX = 1/tCYC
Capacitance[11]
Parameter CIN CCLK CI/O Description Input Capacitance Clock Input Capacitance Input/Output Capacitance Test Conditions TA = 25C, f = 1 MHz, VDD = 3.3V. VDDQ = 3.3V TQFP Package 5 5 5 BGA Package 5 5 7 Unit pF pF pF
Thermal Resistance[11]
Parameter Description Thermal Resistance (Junction to Ambient) Thermal Resistance (Junction to Case) Test Conditions Test conditions follow standard test methods and procedures for measuring thermal impedance, per EIA/JESD51 TQFP Package 30.32 6.85 BGA Package 34.1 14.0 Unit C/W C/W
JA JC
AC Test Loads and Waveforms
3.3V I/O Test Load
OUTPUT Z0 = 50 3.3V OUTPUT RL = 50 5 pF R = 351 INCLUDING JIG AND SCOPE R = 317 ALL INPUT PULSES VDDQ 10% GND 1 ns 90% 90% 10% 1 ns
VT = 1.5V
(a) 2.5V I/O Test Load
OUTPUT Z0 = 50 2.5V OUTPUT RL = 50 5 pF
(b)
R = 1667 VDDQ 10% GND R = 1538 1 ns
(c)
ALL INPUT PULSES 90% 90% 10% 1 ns
VT = 1.25V
(a)
INCLUDING JIG AND SCOPE
(b)
(c)
Note: 11. Tested initially and after any design or process change that may affect these parameters.
Document #: 38-05520 Rev. *F
Page 9 of 18
[+] Feedback
CY7C1339G
Switching Characteristics Over the Operating Range[12, 13, 14, 15, 16, 17]
-250 Parameter tPOWER Clock tCYC tCH tCL Output Times tCO tDOH tCLZ tCHZ tOEV tOELZ tOEHZ Set-up Times tAS tADS tADVS tWES tDS tCES Hold Times tAH tADH tADVH tWEH tDH tCEH Address Hold After CLK Rise ADSP, ADSC Hold After CLK Rise ADV Hold After CLK Rise GW, BWE, BWX Hold After CLK Rise Data Input Hold After CLK Rise Chip Enable Hold After CLK Rise 0.3 0.3 0.3 0.3 0.3 0.3 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ns ns ns ns ns ns Address Set-up Before CLK Rise ADSC, ADSP Set-up Before CLK Rise ADV Set-up Before CLK Rise GW, BWE, BWX Set-up Before CLK Rise Data Input Set-up Before CLK Rise Chip Enable Set-Up Before CLK Rise 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.2 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 1.5 ns ns ns ns ns ns Data Output Valid After CLK Rise Data Output Hold After CLK Rise Clock to Low-Z
[13, 14, 15]
-200 Min. 1 5.0 2.0 2.0 Max. 1
-166 Min. Max. 1
-133 Min. Max. Unit ms ns ns ns 4.0 1.5 0 ns ns ns 4.0 4.0 0 4.0 ns ns ns ns
Description VDD(Typical) to the first Access Clock Cycle Time Clock HIGH Clock LOW
[12]
Min. 1 4.0 1.7 1.7
Max.
6.0 2.5 2.5 2.8 3.5 1.5 0 2.8 2.8 3.5 3.5 0 2.8 3.5
7.5 3.0 3.0
2.6 1.0 0 2.6 2.6 0 2.6 0 1.0 0
Clock to High-Z[13, 14, 15] OE LOW to Output Valid OE LOW to Output OE HIGH to Output Low-Z[13, 14, 15] High-Z[13, 14, 15]
Notes: 12. This part has a voltage regulator internally; tPOWER is the time that the power needs to be supplied above VDD(minimum) initially before a read or write operation can be initiated. 13. tCHZ, tCLZ,tOELZ, and tOEHZ are specified with AC test conditions shown in part (b) of AC Test Loads. Transition is measured 200 mV from steady-state voltage. 14. At any given voltage and temperature, tOEHZ is less than tOELZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same data bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed to achieve High-Z prior to Low-Z under the same system conditions. 15. This parameter is sampled and not 100% tested. 16. Timing reference level is 1.5V when VDDQ = 3.3V and is 1.25V when VDDQ = 2.5V. 17. Test conditions shown in (a) of AC Test Loads unless otherwise noted.
Document #: 38-05520 Rev. *F
Page 10 of 18
[+] Feedback
CY7C1339G
Switching Waveforms
Read Cycle Timing[18]
t CYC
CLK t CH t ADS ADSP tADS ADSC tAS A1 tWES GW, BWE, BW[A:D] tCES CE tADVS tADVH ADV ADV suspends burst. OE tOEV t OEHZ t CLZ Data Out (Q) High-Z Q(A1) t CO
Burst wraps around to its initial state
t CL
t ADH
tADH
tAH
ADDRESS
A2 tWEH
A3 Burst continued with new base address
tCEH
Deselect cycle
tCO tDOH Q(A2) Q(A2 + 1) Q(A2 + 2) Q(A2 + 3) Q(A2) t CHZ Q(A2 + 1)
t OELZ
Single READ
BURST READ
DON'T CARE
UNDEFINED
Note: 18. On this diagram, when CE is LOW, CE1 is LOW, CE2 is HIGH and CE3 is LOW. When CE is HIGH, CE1 is HIGH or CE2 is LOW or CE3 is HIGH.
Document #: 38-05520 Rev. *F
Page 11 of 18
[+] Feedback
CY7C1339G
Switching Waveforms (continued)
Write Cycle Timing[18, 19]
t CYC
CLK tCH tADS ADSP ADSC extends burst tADS tADH tADH tCL
tADS ADSC tAS A1 tAH
tADH
ADDRESS
A2 Byte write signals are ignored for first cycle when ADSP initiates burst
A3
tWES tWEH
BWE, BW[A :D] tWES tWEH GW tCES CE t t ADVS ADVH ADV ADV suspends burst tCEH
OE tDS tDH
Data In (D)
High-Z
t OEHZ
D(A1)
D(A2)
D(A2 + 1)
D(A2 + 1)
D(A2 + 2)
D(A2 + 3)
D(A3)
D(A3 + 1)
D(A3 + 2)
Data Out (Q) BURST READ Single WRITE BURST WRITE Extended BURST WRITE
DON'T CARE
UNDEFINED
Note: 19. Full width write can be initiated by either GW LOW; or by GW HIGH, BWE LOW and BW[A:D] LOW.
Document #: 38-05520 Rev. *F
Page 12 of 18
[+] Feedback
CY7C1339G
Switching Waveforms (continued)
Read/Write Cycle Timing[18, 20, 21]
tCYC
CLK tCH tADS ADSP tADH tCL
ADSC tAS tAH
ADDRESS
A1
A2
A3 tWES tWEH
A4
A5
A6
BWE, BW[A:D] tCES CE tCEH
ADV
OE tCO tDS tDH tOELZ Data In (D) High-Z tCLZ Data Out (Q) High-Z Q(A1) Back-to-Back READs tOEHZ Q(A2) Single WRITE D(A3) D(A5) D(A6)
Q(A4)
Q(A4+1) BURST READ
Q(A4+2)
Q(A4+3) Back-to-Back WRITEs
DON'T CARE
UNDEFINED
Notes: 20. The data bus (Q) remains in high-Z following a WRITE cycle, unless a new read access is initiated by ADSP or ADSC. 21. GW is HIGH.
Document #: 38-05520 Rev. *F
Page 13 of 18
[+] Feedback
CY7C1339G
Switching Waveforms (continued)
ZZ Mode Timing [22, 23]
CLK
t ZZ t ZZREC
ZZ
t
ZZI
I
SUPPLY I DDZZ t RZZI DESELECT or READ Only
ALL INPUTS (except ZZ)
Outputs (Q)
High-Z
DON'T CARE
Notes: 22. Device must be deselected when entering ZZ mode. See Cycle Descriptions table for all possible signal conditions to deselect the device. 23. DQs are in high-Z when exiting ZZ sleep mode.
Document #: 38-05520 Rev. *F
Page 14 of 18
[+] Feedback
CY7C1339G
Ordering Information
Not all of the speed, package and temperature ranges are available. Please contact your local sales representative or visit www.cypress.com for actual products offered. Speed (MHz) 133 Ordering Code CY7C1339G-133AXC CY7C1339G-133BGC CY7C1339G-133BGXC CY7C1339G-133AXI CY7C1339G-133BGI CY7C1339G-133BGXI CY7C1339G-133AXE 166 CY7C1339G-166AXC CY7C1339G-166BGC CY7C1339G-166BGXC CY7C1339G-166AXI CY7C1339G-166BGI CY7C1339G-166BGXI 200 CY7C1339G-200AXC CY7C1339G-200BGC CY7C1339G-200BGXC CY7C1339G-200AXI CY7C1339G-200BGI CY7C1339G-200BGXI 250 CY7C1339G-250AXC CY7C1339G-250BGC CY7C1339G-250BGXC CY7C1339G-250AXI CY7C1339G-250BGI CY7C1339G-250BGXI Package Diagram Package Type Operating Range Commercial
51-85050 100-pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85050 100-pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free 51-85050 100-pin Thin Quad Flat Pack (14 x 20 x 1.4 mm) Lead-Free 51-85115 119-ball Ball Grid Array (14 x 22 x 2.4 mm) 119-ball Ball Grid Array (14 x 22 x 2.4 mm) Lead-Free
Industrial
Automotive Commercial
Industrial
Commercial
Industrial
Commercial
Industrial
Document #: 38-05520 Rev. *F
Page 15 of 18
[+] Feedback
CY7C1339G
Package Diagrams
100-Pin TQFP (14 x 20 x 1.4 mm) (51-85050)
16.000.20 14.000.10
100 1 81 80
1.400.05
0.300.08
22.000.20
20.000.10
0.65 TYP.
30 31 50 51
121 (8X)
SEE DETAIL
A
0.20 MAX. 1.60 MAX. 0 MIN. SEATING PLANE 0.25 GAUGE PLANE STAND-OFF 0.05 MIN. 0.15 MAX.
NOTE: 1. JEDEC STD REF MS-026 2. BODY LENGTH DIMENSION DOES NOT INCLUDE MOLD PROTRUSION/END FLASH MOLD PROTRUSION/END FLASH SHALL NOT EXCEED 0.0098 in (0.25 mm) PER SIDE BODY LENGTH DIMENSIONS ARE MAX PLASTIC BODY SIZE INCLUDING MOLD MISMATCH 3. DIMENSIONS IN MILLIMETERS
0-7
R 0.08 MIN. 0.20 MAX.
0.600.15 0.20 MIN. 1.00 REF.
DETAIL
51-85050-*B
A
Document #: 38-05520 Rev. *F
0.10
R 0.08 MIN. 0.20 MAX.
Page 16 of 18
[+] Feedback
CY7C1339G
Package Diagrams (continued)
119-Ball BGA (14 x 22 x 2.4 mm) (51-85115)
O0.05 M C O0.25 M C A B A1 CORNER O0.750.15(119X) O1.00(3X) REF. 1 A B C E F G 22.000.20 H J K L M N P R T U 10.16 19.50 20.32 1.27 D 2 34 5 6 7 7 6 5 4321 A B C D E F G H J K L M N P R T U
1.27 0.70 REF. A 3.81
12.00 B 2.40 MAX.
7.62 14.000.20
0.900.05
0.25 C
30 TYP.
0.15(4X) 0.15 C
51-85115-*B
SEATING PLANE
0.56
C 0.600.10
All products and company names mentioned in this document may be the trademarks of their respective holders.
Document #: 38-05520 Rev. *F
Page 17 of 18
(c) Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
[+] Feedback
CY7C1339G
Document History Page
Document Title: CY7C1339G 4-Mbit (128K x 32) Pipelined Sync SRAM Document Number: 38-05520 REV. ** *A *B Orig. of ECN NO. Issue Date Change 224368 288909 332895 See ECN See ECN See ECN RKF VBL SYT New data sheet In Ordering Info section, Changed TQFP to PB-free TQFP Added PB-free BG package Modified Address Expansion balls in the pinouts for 100 TQFP and 119 BGA Package as per JEDEC standards and updated the Pin Definitions accordingly Modified VOL, VOH test conditions Replaced TBDs for JA and JC to their respective values on the Thermal Resistance table Updated the Ordering Information by shading and unshading MPNs as per availability Updated Ordering Information Table Added VDD/VDDQ test conditions in DC Table Modified test condition in note# 10 from VIH < VDD to VIH < VDD Converted from Preliminary to Final Changed address of Cypress Semiconductor Corporation on Page# 1 from "3901 North First Street" to "198 Champion Court" Modified "Input Load" to "Input Leakage Current except ZZ and MODE" in the Electrical Characteristics Table Replaced Package Name column with Package Diagram in the Ordering Information table Replaced Package Diagram of 51-85050 from *A to *B Added Automotive Range in Operating Range Table Updated the Ordering Information Added the Maximum Rating for Supply Voltage on VDDQ Relative to GND. Updated the Ordering Information table. Description of Change
*C *D *E
351194 366728 420883
See ECN See ECN See ECN
PCI PCI RXU
*F
480368
See ECN
VKN
Document #: 38-05520 Rev. *F
Page 18 of 18
[+] Feedback


▲Up To Search▲   

 
Price & Availability of CY7C1339G-133AXC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X